PART |
Description |
Maker |
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
AT84AD004 AT84AD004VTD AT84AD004CTD AT84AD004TD AT |
DUAL 8 BIT 500 MSPS ADC
|
ATMEL[ATMEL Corporation]
|
ADC1613D ADC1613D065HN-C1 ADC1613D080HN-C1 ADC1613 |
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
|
Integrated Device Technology
|
ADC1413D065HN-C1 ADC1413D080HN-C1 ADC1413D125HN-C1 |
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
|
Integrated Device Technology
|
AD9283BRSZ-RL80 |
8-Bit, 50 MSPS/80 MSPS/100 MSPS ADC; Package: SSOP; No of Pins: 20; Temperature Range: Industrial 1-CH 8-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO20
|
Analog Devices, Inc.
|
AD9248BCPZRL-20 ANALOGDEVICESINC-AD9248BCPZRL-40 A |
Dual 14-Bit, 20/40/65 MSPS, 3 V Analog-to-Digital Converter; Package: LFCSP (9x9mm, 4.70mm exposed pad); No of Pins: 64; Temperature Range: Industrial DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 Dual 14-Bit, 20/40/65 MSPS, 3 V Analog-to-Digital Converter; Package: LQFP (7x7mm); No of Pins: 64; Temperature Range: Industrial 14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD9251BCPZRL7-80 AD9251BCPZRL7-40 AD9251BCPZ-20 AD |
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter; Package: 64-LFCSP (9x9mm, 6.20mm exposed pad); Temperature Range: -40°C to 125°C 2-CH 14-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TS8308500 TS8308500CGL TS8308500VGL TSX8308500GL T |
ADC 8-BIT 500 MSPS
|
ATMEL[ATMEL Corporation]
|
AD7621 AD7621ASTRL AD7621ACP AD7621ACPRL |
16-Bit, 1 LSB INL, 3 MSPS PulSAR ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48 16-Bit, 1 LSB INL, 3 MSPS PulSAR ADC 16位,1 LSB INL MSPSPulSAR系列ADC 16-Bit/ 1 LSB INL/ 3 MSPS PulSAR ADC
|
Analog Devices, Inc.
|
ADC1210S125HN_C1 ADC1210S080HN_C1 ADC1210S105HN_C1 |
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
|
NXP Semiconductors
|
ADC1610S ADC1610S065HN-C1 ADC1610S080HN-C1 ADC1610 |
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
|
Integrated Device Technology
|